Part Number Hot Search : 
M800H HN3A51F 1N5819 SMBJ33 SMB58 C1413 MAX16 MAX16
Product Description
Full Text Search
 

To Download UGF10GCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
UGF10FCT AND UGF10GCT
ULTRAFAST SOFT RECOVERY RECTIFIER
Reverse Voltage - 300 to 400 Volts
ITO-220AB
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08)
Forward Current - 10.0 Amperes
FEATURES
Plastic package has Underwriters Laboratories Flammability Classification 94V-0 Ideally suited for free wheeling diode power factor correction applications Soft recovery characteristics Excellent high temperature switching Optimized to reduce switching losses High temperature soldering guaranteed: 250C, 0.25" (6.35mm) from case for 10 seconds Glass passivated chip junction
0.600 (15.5) 0.580 (14.5)
PIN 1 2 3
0.670 (17.2) 0.646 (16.4)
0.350 (8.89) 0.330 (8.38)
0.191 (4.85) 0.171 (4.35) 0.560 (14.22) 0.530 (13.46) 0.060 (1.52) 0.110 (2.80) 0.100 (2.54)
MECHANICAL DATA
Case: ITO-220AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Weight: 0.08 ounce, 2.24 grams Mounting Torque: 5 in. - lbs. max.
0.037 (0.94) 0.027 (0.69) 0.105 (2.67) 0.095 (2.41)
0.022 (0.55) 0.014 (0.36)
PIN 1 PIN 3 PIN 2
0.205 (5.20) 0.195 (4.95)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
UGF10FCT
UGF10GCT
UNITS
Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=100C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Maximum instantaneous forward voltage per leg IF= 5A Maximum reverse leakage current at working peak reverse voltage Maximum Reverse recovery time per leg at IF=1.0A, di/dt=100A/s, VR=30V, Irr=0.1 IRM Maximum reverse recovery current per leg at IF=5A, di/dt=50A/s,VR=30V Maximum stored charge per leg IF=2A, di/dt=20A/s, VR=30V, Irr=0.1 IRM Typical thermal resistance from junction to case per leg Operating junction and storage temperature range TJ=25C TJ=150C TJ=25C TJ=100C
VRRM VRWM VRMS VDC I(AV) IFSM
300 225 210 300 10 60A 1.30 1.05 10 200 35 50 3.0 50
400 300 280 400
Volts Volts Volts Volts Amps Amps
VF IR trr trr
Volts A ns ns Amps nC C/W C
Maximum reverse recovery time per leg at IF=0.5A, IR=1.0A, Irr=0.25A
TC=100C
IRM Qrr RJC TJ, TSTG
6.0 -40 to +150
4/98
RATINGS AND CHARACTERISTIC CURVES UGF10FCT AND UGF10GCT
FIG. 1 -FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
15
RESISTIVE OR INDUCTIVE LOAD
100
PEAK FORWARD SURGE CURRENT, AMPERES
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) TC=105C
10
10
5
0
1 0 25 50 75 100 125 150
CASE TEMPERATURE, C
1
10
NUMBER OF CYCLES AT 60 HZ
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
100
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
1,000
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ=125C
10
TJ=125C
100
TJ=100C
1
TJ=100C
10
0.1
TJ=25C
1
TJ=25C
0.1 0.01 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG. 5 - REVERSE SWITCHING CHARACTERISTICS PER LEG
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 6 - TYPICAL JUNCTION CAPACITANCE PER LEG
STORED CHARGE/REVERSE RECOVERY TIME, nC/ns
300 250 200
100
@5A, 50A/s TJ=125C f=1.0 MHz Vsig=50MVp-p
@2A, 20A/s
CAPACITANCE, pF
150
@5A, 50A/s
10
100 50
@2A, 20A/s
@1A, 100A/s
trr Qrr
0 25
50
75
100
125
1 0.1
1
10
100
1,000
JUNCTION TEMPERATURE, C
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of UGF10GCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X